Part Number Hot Search : 
2SC3296 DTC143X EL7301 4ALVC A1540 T345N 99603E3 SP491E
Product Description
Full Text Search
 

To Download AUIRF2804L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  auirf2804 auirf2804s AUIRF2804L hexfet ? power mosfet  www.irf.com 1 automotive grade features  advanced process technology  ultra low on-resistance  175c operating temperature  fast switching  repetitive avalanche allowed up to tjmax  lead-free, rohs compliant  automotive qualified * description specifically designed for automotive applications, this hexfet ? power mosfet utilizes the latest processing techniques to achieve extremely low on- resistance per silicon area. additional features of this design are a 175c junction operating temperature, fast switching speed and improved repetitive ava- lanche rating . these features combine to make this design an extremely efficient and reliable device for use in automotive applications and a wide variety of other applications. s d g gds gate drain source d 2 pak auirf2804s to-220ab auirf2804 to-262 AUIRF2804L s d g d s d g d s d g d hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ pd -96290a absolute maximum ratings 


 
 
 
 
    


 
 

!
" #



 $  functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. %  
  
&& 
  '



  ''
 
!

 " #


 
 (
    

 
 
  
     "  
 


)#  *  +,-. 

(

'
" v (br)dss 40v r ds(on) typ. 1.5m max. 2.0m i d (silicon limited) 270a  i d (package limited) 195a parameter units i d @ t c = 25c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 100c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 25c continuous drain current, v gs @ 10v (p ackage limited) i dm pulsed drain current p d @t c = 25c maximum power dissipation w linear derating factor w/c v gs gate-to-source voltage v e as single pulse avalanche energy (thermally limited)  e as (tested) single pulse avalanche energy tested value  i ar avalanche current a e ar repetitive avalanche energy mj t j operating junction and t stg storage temperature range soldering temperature, for 10 seconds mounting torque, 6-32 or m3 screw thermal resistance parameter typ. max. units r  ??? 0.50 r cs case-to-sink, flat, greased surface 0.50 ??? r ja junction-to-ambient ??? 62 r (  ??? 40 max. 270  190 1080 195 1160 see fig.12a,12b,15,16 300 (1.6mm from case ) -55 to + 175 a c mj c/w 10 lbf?in (1.1n?m) 300 2.0 20 540

2 www.irf.com   calculated continuous current based on maximum allowable junction temperature. package limitation current is 195a. note that current limitations arising from heating of the device leads may occur with some lead mounting arrangements.  
 http://www.irf.com/technical-info/appnotes/an-1140.pdf  repetitive rating; pulse width limited by max. junction temperature. (see fig. 11).   limited by t jmax , starting t j = 25c, l=0.24mh, r g = 25 , i as = 75a, v gs =10v.  pulse width 1.0ms; duty cycle 2%  c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .  this value determined from sample failure population , starting t j = 25c, l=0.24mh, r g = 25 , i as = 75a, v gs =10v.  this is applied to d 2 pak, when mounted on 1" square pcb ( fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994.
max r ds(on) for d 2 pak and to-262 (smd) devices. to-220 device will have an rth value of 0.45c/w.. all ac and dc test condition based on old package limitation current = 75a. s d g s d g static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 40 ??? ??? v ? v dss / t j breakdown voltage temp. coefficient ??? 0.031 ??? v/c r ds(on) smd static drain-to-source on-resistance ??? 1.5 2.0 r ds(on) to-220 static drain-to-source on-resistance ??? 1.8 2.3 v gs (t h ) gate threshold voltage 2.0 ??? 4.0 v gfs forward transconductance 130 ??? ??? s i ds s drain-to-source leakage current ??? ??? 20 ??? ??? 250 i gs s gate-to-source forward leakage ??? ??? 200 gate-to-source reverse leakage ??? ??? -200 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units q g total gate charge ??? 160 240 q gs gate-to-source charge ??? 41 62 q gd gate-to-drain ("miller") charge ??? 66 99 t d(on) turn-on delay time ??? 13 ??? t r rise time ??? 120 ??? t d(off) turn-off delay time ??? 130 ??? t f fall time ??? 130 ??? l d internal drain inductance between lead, 6mm (0.25in.) l s internal source inductance from package and center of die contact c iss input capacitance ??? 6450 ??? c os s output capacitance ??? 1690 ??? c rs s reverse transfer capacitance ??? 840 ??? c os s output capacitance ??? 5350 ??? c os s output capacitance ??? 1520 ??? c os s eff. effective output capacitance ??? 2210 ??? diode characteristics parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 56 84 ns q rr reverse recovery charge ??? 67 100 nc t on forward turn-on time intrins ic turn-on time is negligible (turn-on is dominated by ls+ld) r g = 2.5 i d = 75a  v ds = 10v, i d = 75a  v dd = 20v i d = 75a  v gs = 20v v gs = -20v v ds = 32v v gs = 10v  conditions di/dt = 100a/ s  t j = 25c, i s = 75a  , v gs = 0v  showing the integral reverse p-n junction diode. v gs = 0v, v ds = 1.0v, ? = 1.0mhz mosfet symbol v gs = 0v, v ds = 32v, ? = 1.0mhz conditions v gs = 0v, v ds = 0v to 32v  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 75a  v gs = 10v, i d = 75a  t j = 25c, i f = 75a  , v dd = 20v v gs = 10v  v gs = 0v v ds = 25v ? = 1.0mhz, see fig. 5 m a na nc v ds = v gs , i d = 250 a v ds = 40v, v gs = 0v v ds = 40v, v gs = 0v, t j = 125c ns nh pf ??? ??? ??? ??? 4.5 7.5 270  1080 a ??? ??? ??? ???

www.irf.com 3   
    
        
    
 
    !"#"$    $ 
     qualification information ? d2 pak msl1 to-220 to-262 rohs compliant yes esd machine model class m4 aec-q101-002 human body model class h3a aec-q101-001 charged device model class c5 aec-q101-005 n/a moisture sensitivity level qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. ir?s industrial and consumer qualification level is granted by extension of the higher automotive level.

4 www.irf.com fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. typical forward transconductance vs. drain current 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 20 s pulse width tj = 25c vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 4.0 5.0 6.0 7.0 8.0 9.0 v gs , gate-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) t j = 25c t j = 175c v ds = 10v 20 s pulse width 0 40 80 120 160 200 i d , drain-to-source current (a) 0 50 100 150 200 250 300 g f s , f o r w a r d t r a n s c o n d u c t a n c e ( s ) t j = 25c t j = 175c v ds = 10v 20 s pulse width 0.1 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 20 s pulse width tj = 175c vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v /  
       


 


www.irf.com 5 fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 0 2000 4000 6000 8000 10000 12000 c , c a p a c i t a n c e ( p f ) cos s crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 40 80 120 160 200 240 q g total gate charge (nc) 0 4 8 12 16 20 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 32v vds= 20v vds= 8.0v i d = 75a 0.2 0.6 1.0 1.4 1.8 2.2 v sd , source-todrain voltage (v) 0.1 1.0 10.0 100.0 1000.0 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 0 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 1msec 10msec operation in this area limited by r ds (on) 100 sec tc = 25c tj = 175c single pulse

6 www.irf.com fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature fig 10. normalized on-resistance vs. temperature -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 75a v gs = 10v 1e-008 1e-007 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 25 50 75 100 125 150 175 t c , case temperature (c) 0 50 100 150 200 250 300 i d , d r a i n c u r r e n t ( a ) limited by package

www.irf.com 7 q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + - "#% fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as fig 14. threshold voltage vs. temperature r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v v gs -75 -50 -25 0 25 50 75 100 125 150 175 t j , temperature ( c ) 1.0 2.0 3.0 4.0 v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250 a 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 200 400 600 800 1000 1200 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 31a 53a bottom 75a

8 www.irf.com fig 15. typical avalanche current vs.pulsewidth fig 16. maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 15, 16: (for further info, see an-1005 at www.irf.com) 1. avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far in excess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figures 12a, 12b. 4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 15, 16). t av = average time in avalanche. d = duty cycle in avalanche = t av f z thjc (d, t av ) = transient thermal resistance, see figure 11) p d (ave) = 1/2 ( 1.3bvi av ) =   t/ z thjc i av = 2  t/ [1.3bvz th ] e as (ar) = p d (ave) t av 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 1 10 100 1000 a v a l a n c h e c u r r e n t ( a ) 0.05 duty cycle = single pulse 0.10 allowed avalanche current vs avalanche pulsewidth, tav assuming tj = 25c due to avalanche losses 0.01 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 100 200 300 400 500 600 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 10% duty cycle i d = 75a

www.irf.com 9 fig 17. &'( 
)*) +  
  for n-channel hexfet   power mosfets  ! ? "# !  ?  $!  ? "!%&!# !  !'(! p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period , /  0 +/ ' 1 1
!
 2
!
, + - + + + - - -      / )) ? *+ $$! ,-  ? )*!(!.!)/ ? #  $$! ,)01)1 ? )/2)!*!/ !!

 v ds 90% 10% v gs t d(on) t r t d(off) t f / ) $!3 4 1 5 )0 0.1 %  ) /    2"3"#" / + - / )) fig 18a. switching time test circuit fig 18b. switching time waveforms

10 www.irf.com 
  
         
       
         
         & - . / .    (   010 2212 '2' 1  )3.4

www.irf.com 11 ! 

      ! 

  " 
          
         
     .       & - . /  # (   010 2212 '2' 1  )3.4

12 www.irf.com to-262 part marking information to-262 package outline ( dimensions are shown in millimeters (inches))  
         
     .       (   010 2212 '2' 1  )3.4 & - . /  $

www.irf.com 13 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. d 2 pak tape & reel infomation

14 www.irf.com 
    base part package type standard pack complete part number form quantity auirf2804 to-220 tube 50 auirf2804 AUIRF2804L to-262 tube 50 AUIRF2804L auirf2804s d2pak tube 50 auirf2804s tape and reel left 800 auirf2804strl tape and reel right 800 auirf2804strr

www.irf.com 15 for technical support, please contact ir?s technical assistance center http://www.irf.com/technical-info/ world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105  
 unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the ?au? prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to ir?s terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ir?s standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. ir products are neither designed nor intended for use in military/aerospace applications or environments unless the ir products are specifically designated by ir as military-grade or ?enhanced plastic.? only products designated by ir as military-grade meet military specifications. buyers acknowledge and agree that any such use of ir products which ir has not designated as military-grade is solely at the buyer?s risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation ?au?. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements


▲Up To Search▲   

 
Price & Availability of AUIRF2804L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X